Part Number Hot Search : 
560M20 560M20 MAX17 TFS70H13 DT74ALV 2805S 74HC4011 IRFR410
Product Description
Full Text Search
 

To Download CAT93C46VIG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 october, 2013 ? rev. 10 1 publication order number: cat93c46/d cat93c46 1 kb microwire serial eeprom description the cat93c46 is a 1 kb serial eeprom memory device which is configured as either 64 registers of 16 bits (org pin at v cc ) or 128 registers of 8 bits (org pin at gnd). each register can be written (or read) serially by using the di (or do) pin. the cat93c46 features a self ? timed internal write with auto ? clear. on ? chip power ? on reset circuit protects the internal logic against powering up in the wrong state. features ? high speed operation: 2 mhz ? 1.8 v to 5.5 v supply voltage range ? selectable x8 or x16 memory organization ? self ? timed write cycle with auto ? clear ? software write protection ? power ? up inadvertant write protection ? low power cmos technology ? 1,000,000 program/erase cycles ? 100 year data retention ? industrial temperature range ? 8 ? pin pdip, soic, tssop and 8 ? pad tdfn packages ? this device is pb ? free, halogen free/bfr free and rohs compliant* figure 1. functional symbol do gnd cat93c46 v cc org cs sk di *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 13 of this data sheet. ordering information pin configurations gnd nc v cc do di sk cs 1 org pdip (l), soic (v, x), tssop (y), tdfn (vp2)* (top view) chip select cs clock input sk serial data input di serial data output do power supply v cc ground gnd function pin name pin function memory organization org no connection nc note: when the org pin is connected to v cc , the x16 organization is selected. when it is connected to ground, the x8 organization is selected. if the org pin is left unconnected, then an internal pullup device will select the x16 organization. soic ? 8 v, w suffix case 751bd pdip ? 8 l suffix case 646aa tdfn ? 8* vp2 suffix case 511ak tssop ? 8 y suffix case 948al soic ? 8 x suffix case 751be di gnd org sk cs v cc nc 1 do soic (w) (top view) * not recommended for new designs
cat93c46 http://onsemi.com 2 table 1. absolute maximum ratings parameter value units storage temperature ? 65 to +150 c voltage on any pin with respect to ground (note 1) ? 0.5 to +6.5 v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. the dc input voltage on any pin should not be lower than ? 0.5 v or higher than v cc + 0.5 v. during transitions, the voltage on any pin may undershoot to no less than ? 1.5 v or overshoot to no more than v cc + 1.5 v, for periods of less than 20 ns. table 2. reliability characteristics (note 2) symbol parameter min units n end (note 3) endurance 1,000,000 program / erase cycles t dr data retention 100 years 2. these parameters are tested initially and after a design or process change that affects the parameter according to appropriat e aec ? q100 and jedec test methods. 3. block mode, v cc = 5 v, 25 c table 3. d.c. operating characteristics (v cc = +1.8 v to +5.5 v, t a = ? 40 c to +85 c, unless otherwise specified.) symbol parameter test conditions min max units i cc1 power supply current (write) f sk = 1 mhz v cc = 5.0 v 1 ma i cc2 power supply current (read) f sk = 1 mhz v cc = 5.0 v 500  a i sb1 power supply current (standby) (x8 mode) v in = gnd or v cc , cs = gnd org = gnd 2  a i sb2 power supply current (standby) (x16mode) v in = gnd or v cc , cs = gnd org = float or v cc 1  a i li input leakage current v in = gnd to v cc 1  a i lo output leakage current v out = gnd to v cc , cs = gnd 1  a v il1 input low voltage 4.5 v  v cc < 5.5 v ? 0.1 0.8 v v ih1 input high voltage 4.5 v  v cc < 5.5 v 2 v cc + 1 v v il2 input low voltage 1.8 v  v cc < 4.5 v 0 v cc x 0.2 v v ih2 input high voltage 1.8 v  v cc < 4.5 v v cc x 0.7 v cc + 1 v v ol1 output low voltage 4.5 v  v cc < 5.5 v i ol = 2.1 ma 0.4 v v oh1 output high voltage 4.5 v  v cc < 5.5 v i oh = ? 400  a 2.4 v v ol2 output low voltage 1.8 v  v cc < 4.5 v i ol = 1 ma 0.2 v v oh2 output high voltage 1.8 v  v cc < 4.5 v i oh = ? 100  a v cc ? 0.2 v
cat93c46 http://onsemi.com 3 table 4. pin capacitance (t a = 25 c, f = 1 mhz, v cc = 5 v) symbol test conditions min typ max units c out (note 4) output capacitance (do) v out = 0 v 5 pf c in (note 4) input capacitance (cs, sk, di, org) v in = 0 v 5 pf 4. these parameters are tested initially and after a design or process change that affects the parameter according to appropriat e aec ? q100 and jedec test methods. table 5. a.c. characteristics (v cc = +1.8 v to +5.5 v, t a = ? 40 c to +85 c, unless otherwise specified.) (note 5) symbol parameter limits units min max t css cs setup time 50 ns t csh cs hold time 0 ns t dis di setup time 100 ns t dih di hold time 100 ns t pd1 output delay to 1 0.25  s t pd0 output delay to 0 0.25  s t hz (note 6) output delay to high ? z 100 ns t ew (note 7) program/erase pulse width 5 ms t csmin minimum cs low time 0.25  s t skhi minimum sk high time 0.25  s t sklow minimum sk low time 0.25  s t sv output delay to status valid 0.25  s sk max maximum clock frequency dc 2000 khz 5. test conditions according to ?ac test conditions? table. 6. these parameters are tested initially and after a design or process change that affects the parameter according to appropriat e aec ? q100 and jedec test methods. 7. t ew is 10 ms max for eral and wral operations. table 6. power ? up timing (notes 8 and 9) symbol parameter max units t pur power ? up to read operation 1 ms t puw power ? up to write operation 1 ms 8. these parameters are tested initially and after a design or process change that affects the parameter according to appropriat e aec ? q100 and jedec test methods. 9. t pur and t puw are the delays required from the time v cc is stable until the specified operation can be initiated. table 7. a.c. test conditions input rise and fall times  50 ns input pulse voltages 0.4 v to 2.4 v 4.5 v  v cc  5.5 v timing reference voltages 0.8 v, 2.0 v 4.5 v  v cc  5.5 v input pulse voltages 0.2 v cc to 0.7 v cc 1.8 v  v cc  4.5 v timing reference voltages 0.5 v cc 1.8 v  v cc  4.5 v output load current source i olmax /i ohmax ; c l = 100 pf
cat93c46 http://onsemi.com 4 device operation the cat93c46 is a 1024 ? bit nonvolatile memory intended for use with industry standard microprocessors. the cat93c46 can be organized as either registers of 16 bits or 8 bits. when organized as x16, seven 9 ? bit instructions control the reading, writing and erase operations of the device. when organized as x8, seven 10 ? bit instructions control the reading, writing and erase operations of the device. the cat93c46 operates on a single power supply and will generate on chip the high voltage required during any write operation. instructions, addresses, and write data are clocked into the di pin on the rising edge of the clock (sk). the do pin is normally in a high impedance state except when reading data from the device, or when checking the ready/busy status during a write operation. the serial communication protocol follows the timing shown in figure 2. the ready/busy status can be determined after the start of internal write cycle by selecting the device (cs high) and polling the do pin; do low indicates that the write operation is not completed, while do high indicates that the device is ready for the next instruction. if necessary, the do pin may be placed back into a high impedance state during chip select by shifting a dummy ?1? into the di pin. the do pin will enter the high impedance state on the rising edge of the clock (sk). placing the do pin into the high impedance state is recommended in applications where the di pin and the do pin are to be tied together to form a common di/o pin. the ready/busy flag can be disabled only in ready state; no change is allowed in busy state. the format for all instructions sent to the device is a logical ?1? start bit, a 2 ? bit (or 4 ? bit) opcode, 6 ? bit address (an additional bit when organized x8) and for write operations a 16 ? bit data field (8 ? bit for x8 organization). read upon receiving a read command (figure 3) and an address (clocked into the di pin), the do pin of the cat93c46 will come out of the high impedance state and, after sending an initial dummy zero bit, will begin shifting out the data addressed (msb first). the output data bits will toggle on the rising edge of the sk clock and are stable after the specified time delay (t pd0 or t pd1 ). erase/write enable and disable the cat93c46 powers up in the write disable state. any writing after power ? up or after an ewds (write disable) instruction must first be preceded by the ewen (write enable) instruction. once the write instruction is enabled, it will remain enabled until power to the device is removed, or the ewds instruction is sent. the ewds instruction can be used to disable all cat93c46 write and erase instructions, and will prevent any accidental writing or clearing of the device. data can be read normally from the device regardless of the write enable/disable status. the ewen and ewds instructions timing is shown in figure 4. table 8. instruction set instruction start bit opcode address data comments x8 x16 x8 x16 read 1 10 a6 ? a0 a5 ? a0 read address an?a0 erase 1 11 a6 ? a0 a5 ? a0 clear address an?a0 write 1 01 a6 ? a0 a5 ? a0 d7 ? d0 d15 ? d0 write address an?a0 ewen 1 00 11xxxxx 11xxxx write enable ewds 1 00 00xxxxx 00xxxx write disable eral 1 00 10xxxxx 10xxxx clear all addresses wral 1 00 01xxxxx 01xxxx d7 ? d0 d15 ? d0 write all addresses
cat93c46 http://onsemi.com 5 figure 2. synchronous data timing sk di cs do valid data valid t csh t dih t csmin t dis t pd0 , t pd1 valid t dis t css t skhi t sklow figure 3. read instruction timing sk cs di do standby high ? z high ? z 11 0 0 a n a n ? 1 a 0 t pd0 t hz t csmin d 0 d 1 d n d n ? 1 figure 4. ewen/ewds instruction timing cs di standby 0 * * enable = 11 disable = 00 sk 0 1
cat93c46 http://onsemi.com 6 write after receiving a write command (figure 5), address and the data, the cs (chip select) pin must be deselected for a minimum of t csmin . the falling edge of cs will start the self clocking for auto ? clear and data store cycles on the memory location specified in the instruction. the clocking of the sk pin is not necessary after the device has entered the self clocking mode. the ready/busy status of the ca t93c46 can be determined by selecting the device and polling the do pin. since this device features auto ? clear before write, it is not necessary to erase a memory location before it is written into. erase upon receiving an erase command and address, the cs (chip select) pin must be de ? asserted for a minimum of t csmin (figure 6). the falling edge of cs will start the self clocking clear cycle of the selected memory location. the clocking of the sk pin is not necessary after the device has entered the self clocking mode. the ready/busy status of the cat93c46 can be determined by selecting the device and polling the do pin. once cleared, the content of a cleared location returns to a logical ?1? state. erase all upon receiving an eral command (figure 7), the cs (chip select) pin must be deselected for a minimum of t csmin . the falling edge of cs will start the self clocking clear cycle of all memory locations in the device. the clocking of the sk pin is not necessary after the device has entered the self clocking mode. the ready/busy status of the cat93c46 can be determined by selecting the device and polling the do pin. once cleared, the contents of all memory bits return to a logical ?1? state. write all upon receiving a wral command and data, the cs (chip select) pin must be deselected for a minimum of t csmin (figure 8). the falling edge of cs will start the self clocking data write to all memory locations in the device. the clocking of the sk pin is not necessary after the device has entered the self clocking mode. the ready/busy status of the cat93c46 can be determined by selecting the device and polling the do pin. it is not necessary for all memory locations to be cleared before the wral command is executed. figure 5. write instruction timing sk cs di do standby high ? z high ? z 101 busy ready status verify a n a n ? 1 a 0 d n d 0 t csmin t ew t sv t hz
cat93c46 http://onsemi.com 7 figure 6. erase instruction timing sk cs di do standby high ? z high ? z 1 busy ready status verify 11 a n a n ? 1 a 0 t cs min t sv t hz t ew figure 7. eral instruction timing sk cs di do standby high ? z high ? z 10 1 busy ready status verify 00 t cs min t hz t sv t ew figure 8. wral instruction timing status verify sk cs di do standb y high ? z 10 1 busy ready 0 0 d n d 0 t csmin t ew t sv t hz
cat93c46 http://onsemi.com 8 package dimensions pdip ? 8, 300 mils case 646aa ? 01 issue a e1 d a l eb b2 a1 a2 e eb c top view side view end view pin # 1 identification notes: (1) all dimensions are in millimeters. (2) complies with jedec ms-001. symbol min nom max a a1 a2 b b2 c d e e1 l 0.38 2.92 0.36 6.10 1.14 0.20 9.02 2.54 bsc 3.30 5.33 4.95 0.56 7.11 1.78 0.36 10.16 eb 7.87 10.92 e 7.62 8.25 2.92 3.80 3.30 0.46 6.35 1.52 0.25 9.27 7.87
cat93c46 http://onsemi.com 9 package dimensions soic 8, 150 mils case 751bd ? 01 issue o e1 e a a1 h l c e b d pin # 1 identification top view side view end view notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec ms-012. symbol min nom max a a1 b c d e e1 e h 0o 8o 0.10 0.33 0.19 0.25 4.80 5.80 3.80 1.27 bsc 1.75 0.25 0.51 0.25 0.50 5.00 6.20 4.00 l 0.40 1.27 1.35
cat93c46 http://onsemi.com 10 package dimensions soic ? 8, 208 mils case 751be ? 01 issue o e1 eb side view top view e d pin#1 identification end view a1 a l c notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with eiaj edr-7320.  symbol min nom max a a1 b c d e e1 e 0o 8o 0.05 0.36 0.19 5.13 7.75 5.13 1.27 bsc 2.03 0.25 0.48 0.25 5.33 8.26 5.38 l 0.51 0.76
cat93c46 http://onsemi.com 11 package dimensions tssop8, 4.4x3 case 948al ? 01 issue o e1 e a2 a1 e b d c a top view side view end view  1 l1 l notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec mo-153. symbol min nom max a a1 a2 b c d e e1 e l1 0o 8o l 0.05 0.80 0.19 0.09 0.50 2.90 6.30 4.30 0.65 bsc 1.00 ref 1.20 0.15 1.05 0.30 0.20 0.75 3.10 6.50 4.50 0.90 0.60 3.00 6.40 4.40
cat93c46 http://onsemi.com 12 package dimensions tdfn8, 2x3 case 511ak ? 01 issue a pin#1 identification e2 e a3 eb d a2 top view side view bottom view pin#1 index area front view a1 a l d2 notes: (1) all dimensions are in millimeters. (2) complies with jedec mo-229. symbol min nom max a 0.70 0.75 0.80 a1 0.00 0.02 0.05 a3 0.20 ref b 0.20 0.25 0.30 d 1.90 2.00 2.10 d2 1.30 1.40 1.50 e 3.00 e2 1.20 1.30 1.40 e 2.90 0.50 typ 3.10 l 0.20 0.30 0.40 a2 0.45 0.55 0.65
cat93c46 http://onsemi.com 13 ordering information opn specific device marking pkg type temperature range lead finish shipping cat93c46li ? g 93c46l pdip ? 8 i = industrial ( ? 40 c to +85 c) nipdau tube, 50 units / tube cat93c46vi ? g 93c46v soic ? 8, jedec i = industrial ( ? 40 c to +85 c) nipdau tube, 100 units / tube cat93c46vi ? gt3 93c46v soic ? 8, jedec i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3000 units / reel cat93c46vp2i ? gt3 (note 10) ek tdfn ? 8 i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3000 units / reel cat93c46wi ? g 93c46w soic ? 8, jedec i = industrial ( ? 40 c to +85 c) nipdau tube, 100 units / tube cat93c46wi ? gt3 93c46w soic ? 8, jedec i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3000 units / reel cat93c46xi 93c46x soic ? 8, eiaj i = industrial ( ? 40 c to +85 c) matte ? tin tube, 94 units / tube cat93c46xi ? t2 93c46x soic ? 8, eiaj i = industrial ( ? 40 c to +85 c) matte ? tin tape & reel, 2000 units / reel cat93c46yi ? g m46 tssop ? 8 i = industrial ( ? 40 c to +85 c) nipdau tube, 100 units / tube cat93c46yi ? gt3 m46 tssop ? 8 i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3000 units / reel 10. not recommended for new designs. 11. all packages are rohs ? compliant (lead ? free, halogen ? free). 12. the standard lead finish is nipdau. 13. for additional package and temperature options, please contact your nearest on semiconductor sales office. 14. for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and ree l packaging specifications brochure, brd8011/d. 15. for detailed information and a breakdown of device nomenclature and numbering systems, please see the on semiconductor devic e nomenclature document, tnd310/d, available at www.onsemi.com on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 cat93c46/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of CAT93C46VIG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X